PART |
Description |
Maker |
AM29DL640G90 AM29DL640G120 AM29DL640G70PCEN AM29DL |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 64兆位米8 4米x 16位).0伏的CMOS只,同步写闪 64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory 4M X 16 FLASH 3V PROM, 70 ns, PBGA63
|
Advanced Micro Devices, Inc.
|
S29PL127N65GAWW02 S29PL127N65GAW003 S29PL127N65GAI |
256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 65 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 256/128/128字节6/8/8 M中的x 16位).0伏的CMOS只同步读/写,页模式闪 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 8M X 16 FLASH 3V PROM, 70 ns, PBGA64 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 70 ns, PBGA84 256/128/128 Mb (16/8/8 M x 16-Bit) CMOS, 3.0 Volt-only Simultaneous Read/Write, Page-Mode Flash Memory 16M X 16 FLASH 3V PROM, 65 ns, PBGA84
|
Spansion, Inc. Spansion Inc. SPANSION LLC
|
S29CD016G0PQAI002 S29CD016G0MFAN001 S29CD016G0MFAN |
16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 54 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 16兆位12亩32位)的CMOS 2.5伏特,只有突发模式,双启动,同步写闪 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory 512K X 32 FLASH 2.7V PROM, 67 ns, PBGA80 16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
|
Spansion Inc. Spansion, Inc. SPANSION LLC
|
S29JL032J60BFI220 S29JL032J70BFI220 S29JL032J60TFI |
32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
|
SPANSION
|
AM29DL640G AM29DL640G70EIN AM29DL640G70WHE AM29DL6 |
64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
|
SPANSION AMD[Advanced Micro Devices]
|
AT49LV2048A AT49BV2048A AT49LV2048A-70TC AT49LV204 |
2M bit, 3.0-Volt Read and 3.0-Volt Write, Byte-Write Flash, Bottom Boot 2M bit, 2.7-Volt Read and 2.7-Volt Write, Byte-Write Flash, Bottom Boot 2-megabit (256K x 8/128K x 16) Single 2.7-volt Battery-Voltage Flash Memory
|
Atmel
|
AM29PDL127H53VKI AM29PDL127H53VKIN AM29PDL127H88VK |
128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIOTM Control 128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
AM29BDS128HD8 AM29BDS128HD8VFI AM29BDS128HD8VMI AM |
128 or 64 Megabit (8 M or 4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
WS128J0PBAI11 |
128/64 Megabit (8/4 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
|
SPANSION
|
AM29PDL310G63WHI AM29PDL310G98WSIN AM29PDL310G63WH |
64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
|
SPANSION[SPANSION]
|
AM29PDS322DB10 AM29PDS322DB12 AM29PDS322DT10 AM29P |
32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only (1.8 V to 2.2 V) Simultaneous Read/Write Page-Mode Boot Sector Flash Memory
|
Advanced Micro Devices, Inc.
|